Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download AM29LV800B-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Am29LV800T/Am29LV800B
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation -- Extended voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications -- Standard voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors s High performance -- Extended voltage range: access times as fast as 100 ns -- Standard voltage range: access times as fast as 90 ns s Ultra low power consumption -- Automatic Sleep Mode: 200 nA typical -- Standby mode: 200 nA typical -- Read mode: 2 mA/MHz typical -- Program/erase mode: 20 mA typical s Flexible sector architecture -- One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen 64 Kbyte sectors (byte mode) -- One 8 Kword, two 4 Kword, one 16 Kword, and fifteen 32 Kword sectors (word mode) -- Supports control code and data storage on a single device -- Sector Protection features: A hardware method of locking a sector to prevent any program or erase operations within that sector Temporary Sector Unprotect feature allows code changes in previously locked sectors s Top or bottom boot block configurations available s Embedded Algorithms -- Embedded Erase algorithms automatically preprogram and erase the entire chip or any combination of designated sectors -- Embedded Program algorithms automatically write and verify bytes or words at specified addresses s Minimum 100,000 write cycle guarantee per sector s Package options -- 48-pin TSOP -- 44-pin SO s Compatibility with JEDEC standards -- Pinout and software compatible with singlepower supply Flash -- Superior inadvertent write protection s Data Polling and toggle bits -- Provides a software method of detecting program or erase operation completion s Ready/Busy pin (RY/BY) -- Provides a hardware method of detecting program or erase cycle completion s Erase suspend/resume commands -- Suspends the erase operation to read data from or program data to another sector, then resumes the erase operation s Hardware reset pin (RESET) -- Hardware method to reset the device to the read mode
This document contains information on a product under development at Advanced Micro Devices. The information is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed product without notice.
Publication# 20478 Rev: D Amendment/0 Issue Date: November 1997
Refer to AMD's Website (www.amd.com) for the latest information.
PRELIMINARY
GENERAL DESCRIPTION
The Am29LV800 is an 8 Mbit, 3.0 Volt-only Flash memory organized as 1 Mbyte of 8 bits each or 512K words of 16 bits each. For flexible erase and program capability, the 8 Mbits of data is divided into 19 sectors of one 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen 64 Kbytes. The x8 data appears on DQ0-DQ7; the x16 data appears on DQ0-DQ15. The Am29LV800 is offered in 44-pin SO and 48-pin TSOP packages. This device is designed to be programmed in-system with the standard system 3.0 Volt VCC supply. The device can also be reprogrammed in standard EPROM programmers. The Am29LV800 provides two levels of performance. The first level offers access times as fast as 100 ns with a VCC range as low as 2.7 volts, which is optimal for battery powered applications. The second level offers a 90 ns access time, optimizing performance in systems where the power supply is in the regulated range of 3.0 to 3.6 volts. To eliminate bus contention, the device has separate chip enable (CE), write enable (WE), and output enable (OE) controls. The Am29LV800 is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the command register using standard microprocessor write timings. Register contents serve as input to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other Flash or EPROM devices. The Am29LV800 is programmed by executing the program command sequence. This will invoke the Embedded Program Algorithm which is an internal algorithm that automatically times the program pulse widths and verifies proper cell margin. Erase is accomplished by executing the erase command sequence. This will invoke the Embedded Erase Algorithm which is an internal algorithm that automatically pre-programs the array if it is not already programmed before executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. This device also features a sector erase architecture. This allows for sectors of memory to be erased and reprogrammed without affecting the data contents of other sectors. A sector is typically erased and verified within 1.0 second. The Am29LV800 is fully erased when shipped from the factory. The Am29LV800 device also features hardware sector protection. This feature will disable both program and erase operations in any combination of nineteen sectors of memory. AMD has implemented an Erase Suspend feature that enables the user to put erase on hold for any period of time to read data from or program data to a sector that was not being erased. Thus, true background erase can be achieved. The device features single 3.0 Volt power supply operation for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations. A low VCC detector automatically inhibits write operations during power transitions. The end of program or erase is detected by the RY/BY pin. Data Polling of DQ7, or by the Toggle Bit (DQ6). Once the end of a program or erase cycle has been completed, the device automatically resets to the read mode. The Am29LV800 also has a hardware RESET pin. When this pin is driven low, execution of any Embedded Program Algorithm or Embedded Erase Algorithm will be terminated. The internal state machine will then be reset into the read mode. The RESET pin may be tied to the system reset circuitry. Therefore, if a system reset occurs during the Embedded Program Algorithm or Embedded Erase Algorithm, the device will be automatically reset to the read mode and will have erroneous data stored in the address locations being operated on. These locations will need rewriting after the Reset. Resetting the device will enable the system's microprocessor to read the boot-up firmware from the Flash memory. AMD's Flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effectiveness. The Am29LV800 memory electrically erases all bits within a sector simultaneously via FowlerNordhiem tunneling. The bytes/words are programmed one byte/word at a time using the EPROM programming mechanism of hot electron injection.
2
Am29LV800T/Am29LV800B
PRELIMINARY
Flexible Sector Architecture
s One 8 Kword, two 4 Kwords, one 16 Kword, and fifteen 32 Kwords sectors in word mode s One 16 Kbyte, two 8 Kbytes, one 32 Kbyte, and fifteen 64 Kbyte sectors in byte mode s Individual-sector or multiple-sector erase capability s Sector protection is user definable
(x8) Address Range SA18 SA17 SA16 SA15 SA14 SA13 SA12 SA11 SA10 SA9 SA8 SA7 SA6 SA5 SA4 SA3 SA2 SA1 SA0 16 Kbytes 8 Kwords 8 Kbytes 4 Kwords 8 Kbytes 4 Kwords 32 Kbytes 16 Kwords
(x16) Address Range SA18 SA17 SA16 SA15 SA14 SA13 SA12 SA11 SA10 SA9 SA8 SA7 SA6 SA5 SA4 SA3 SA2 SA1 SA0 64 Kbytes 32 Kwords
(x8) Address Range F0000h-FFFFFh
(x16) Address Range 78000h-7FFFFh 70000h-77FFFh
FC000h-FFFFFh 7E000h-7FFFFh FA000h-FBFFFh 7D000h-7DFFFh F8000h-F9FFFh 7C000h-7CFFFh F0000h-F7FFFh 78000h-7BFFFh 70000h-77FFFh
64 Kbytes E0000h-EFFFFh 32 Kwords
64 Kbytes D0000h-DFFFFh 68000h-6FFFFh 32 Kwords 64 Kbytes C0000h-CFFFFh 60000h-67FFFh 32 Kwords 64 Kbytes B0000h-BFFFFh 58000h-5FFFFh 32 Kwords 64 Kbytes A0000h-AFFFFh 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 32 Kbytes 16 Kwords 8 Kbytes 4 Kwords 8 Kbytes 4 Kwords 16 Kbytes 8 Kwords 90000h-9FFFFh 80000h-8FFFFh 70000h-7FFFFh 60000h-6FFFFh 50000h-5FFFFh 40000h-4FFFFh 30000h-3FFFFh 20000h-2FFFFh 10000h-1FFFFh 08000h-0FFFFh 06000h-07FFFh 04000h-05FFFh 00000h-03FFFh 50000h-57FFFh 48000h-4FFFFh 40000h-47FFFh 38000h-3FFFFh 30000h-37FFFh 28000h-2FFFFh 20000h-27FFFh 18000h-1FFFFh 10000h-17FFFh 08000h-0FFFFh 04000h-07FFFh 03000h-03FFFh 02000h-02FFFh 00000h-01FFFh
20478D-2
64 Kbytes E0000h-EFFFFh 32 Kwords
64 Kbytes D0000h-DFFFFh 68000h-6FFFFh 32 Kwords 64 Kbytes C0000h-CFFFFh 60000h-67FFFh 32 Kwords 64 Kbytes B0000h-BFFFFh 58000h-5FFFFh 32 Kwords 64 Kbytes A0000h-AFFFFh 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 90000h-9FFFFh 80000h-8FFFFh 70000h-7FFFFh 60000h-6FFFFh 50000h-5FFFFh 40000h-4FFFFh 30000h-3FFFFh 20000h-2FFFFh 10000h-1FFFFh 00000h-0FFFFh 50000h-57FFFh 48000h-4FFFFh 40000h-47FFFh 38000h-3FFFFh 30000h-37FFFh 28000h-2FFFFh 20000h-27FFFh 18000h-1FFFFh 10000h-17FFFh 08000h-0FFFFh 00000h-07FFFh
20478D-1
Am29LV800T Sector Architecture
Notes: The address range is A18:A-1 if in byte mode (BYTE = VIL). The address range is A18:A0 if in word mode (BYTE = VIH).
Am29LV800B Sector Architecture
Am29LV800T/Am29LV800B
3
PRELIMINARY
PRODUCT SELECTOR GUIDE
Family Part Number Ordering Part Number: VCC = 3.0-3.6 V VCC = 2.7-3.6 V Max access time (ns) CE access time (ns) OE access time (ns) 90 90 40 -90R -100 100 100 40 -120 120 120 50 -150 150 150 55 Am29LV800T/Am29LV800B
BLOCK DIAGRAM
RY/BY VCC VSS RESET Sector Switches DQ0-DQ7
Erase Voltage Generator State Control Command Register
Input/Output Buffers
WE BYTE
PGM Voltage Generator Chip Enable Output Enable Logic STB Data Latch
CE OE
STB VCC Detector Timer Address Latch
Y-Decoder
Y-Gating
X-Decoder
Cell Matrix
A0-A18
20478D-3
4
Am29LV800T/Am29LV800B
PRELIMINARY
CONNECTION DIAGRAMS
SO RY/BY A18 A17 A7 A6 A5 A4 A3 A2 A1 A0 CE VSS OE DQ0 DQ8 DQ1 DQ9 DQ2 DQ10 DQ3 DQ11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 RESET WE A8 A9 A10 A11 A12 A13 A14 A15 A16 BYTE VSS DQ15/A-1 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VCC
20478D-4
Am29LV800T/Am29LV800B
5
PRELIMINARY
CONNECTION DIAGRAMS
A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE RESET NC NC RY/BY A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 BYTE VSS DQ15/A-1 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VCC DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE VSS CE A0
20478D-5
Standard TSOP
A16 BYTE VSS DQ15/A-1 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VCC DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE VSS CE A0
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE RESET NC NC RY/BY A18 A17 A7 A6 A5 A4 A3 A2 A1
20478D-6
Reverse TSOP
6
Am29LV800T/Am29LV800B
PRELIMINARY
PIN CONFIGURATION
A0-A18 = 19 addresses DQ0-DQ14 = 15 data inputs/outputs DQ15/A-1 BYTE CE OE WE RESET RY/BY VCC = DQ15 data input/output (word mode), A-1 (LSB address input, byte mode) = Selects 8-bit or 16-bit mode = Chip enable = Output enable = Write enable = Hardware reset pin, active low = Ready/Busy output = Standard voltage range (3.0 to 3.6 V) for -90R Extended voltage range (2.7 to 3.6 V) for -100, -120, -150 VSS NC = Device ground = Pin not connected internally
LOGIC SYMBOL
19 A0-A18 DQ0-DQ15 (A-1) CE OE WE RESET BYTE RY/BY 16 or 8
20478D-7
Am29LV800T/Am29LV800B
7
PRELIMINARY
ORDERING INFORMATION Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below.
Am29LV800
T
-90R
E
C
OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in TEMPERATURE RANGE C = Commercial (0C to +70C) I = Industrial (-40C to +85C) E = Extended (-55C to +125C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION -xxx = 2.7 to 3.6 V VCC -xxR = 3.0 to 3.6 V VCC See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector DEVICE NUMBER/DESCRIPTION Am29LV800 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Program and Erase
Valid Combinations Valid Combinations Am29LV800T-90R, Am29LV800B-90R VCC = 3.0-3.6 V EC, EI, FC, FI, SC, SI Am29LV800T-100, AM29LV800B-100 Am29LV800T-120, Am29LV800B-120 Am29LV800T-150, Am29LV800B-150 SC, SI, SE, SEB, EC, EI, EE, EEB, FC, FI, FE, FEB
8
Am29LV800T/Am29LV800B
PRELIMINARY Table 1.
Operation Autoselect, Manufacturer Code (Note 1) Autoselect Device Code (Note 1) Read Standby Output Disable Write Enable Sector Protect (Note 3) Verify Sector Protect (Note 4) Temporary Sector Unprotect Reset
Am29LV800 User Bus Operations (BYTE = VIH)
CE L L L H L L L L X X OE L L L X H H VID L X X WE H H H X H L Pulse/H H X X A0 L H A0 X X A0 L L X X A1 L L A1 X X A1 H H X X A6 L L A6 X X A6 L L X X A9 VID VID A9 X X A9 VID VID X X DQ0-DQ15 RESET Code Code DOUT HIGH Z HIGH Z DIN (Note 2) Code Code X HIGH Z H H H H H H H H VID L
Table 2.
Operation Autoselect, Manufacturer Code (Note 1) Autoselect, Device Code (Note 1) Read Standby Output Disable Write Enable Sector Protect (Note 3) Verify Sector Protect (Note 4) Temporary Sector Unprotect Reset CE L L L H L L L L X X
Am29LV800 User Bus Operations (BYTE = VIL)
OE L L L X H H VID L X X WE H H H X H L Pulse/H H X X A0 L H A0 X X A0 L L X X A1 L L A1 X X A1 H H X X A6 L L A6 X X A6 L L X X A9 VID VID A9 X X A9 VID VID X X DQ0-DQ7 Code Code DOUT HIGH Z HIGH Z DIN (Note 2) Code Code X HIGH Z DQ8-DQ15 RESET HIGH Z HIGH Z HIGH Z HIGH Z HIGH Z HIGH Z HIGH Z HIGH Z HIGH Z HIGH Z H H H H H H H H VID L
Legend: L = Logic 0, H = Logic 1, VID = 12.0 0.5 Volts, X = Don't care. See DC Characteristics (Table 12 and 13) for voltage levels. Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 6. 2. Refer to Table 6 for valid Data in (DIN) during a write operation. 3. Set VCC = 3.0 Volts 10%. 4. Refer to Sector Protection section.
Am29LV800T/Am29LV800B
9
PRELIMINARY
USER BUS OPERATIONS Read Mode
The Am29LV800 has three control functions which must be satisfied in order to obtain data at the outputs: s CE is the power control and should be used for device selection (CE = VIL) s OE is the output control and should be used to gate data to the output pins if the device is selected (OE = VIL) s WE remains at VIH Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output enable access time (tOE) is the delay from the falling edge of OE to valid data at the output pins (assuming the addresses have been stable at least tACC - tOE time).
standby mode, the data I/O pins remain in the high impedance state independent of the voltage level applied to the OE input. See the DC Characteristics section for more details on Standby Modes. Deselecting CE (CE = VIH or VCC 0.3 V, with RESET = VIH or VCC 0.3 V), will put the device into the ICC3 standby mode. If the device is deselected during an Embedded AlgorithmTM operation, it will continue to draw active power (ICC2), prior to entering the standby mode, until the operation is complete. Subsequent reselection of the device for active operations (CE = VIL) will commence pursuant to the AC timing specifications.
Automatic Sleep Mode
Advanced power management features such as the automatic sleep mode minimize Flash device energy c o n s u m p t i o n . T h i s i s ex t r e m e l y i m p o r t a n t i n battery-powered applications. The Am29LV800 automatically enables the low-power, automatic sleep mode when addresses remain stable for 200 ns. Automatic sleep mode is independent of the CE, WE, and OE control signals. Typical sleep mode current draw is 200 nA (for CMOS-compatible operation). Standard address access timings provide new data when addresses are changed. While in sleep mode, output data is latched and always available to the system.
Standby Mode
The Am29LV800 is designed to accommodate two modes for low standby power consumption. Both modes are enabled by applying the voltages specified below to the CE and RESET pins. These modes are available for either TTL/NMOS or CMOS logic level designs. The first mode, ICC3 for TTL/NMOS compatible I/ Os (current consumption <1 mA max.), is enabled by applying a TTL logic level `1' (VIH) to the CE control pin with RESET = VIH. ICC3 for CMOS compatible I/Os (current consumption <5 A max.), is enabled when a CMOS logic level `1' (VCC 0.3 V) is applied to the CE control pin with RESET = VCC 0.3 V. While in the ICC3
Output Disable
If the OE input is at a logic high level (VIH), output from the device is disabled. This will cause the output pins to be in a high impedance state.
10
Am29LV800T/Am29LV800B
PRELIMINARY
Autoselect
The Autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer and type. The intent is to allow programming equipment to automatically match the device to be programmed with its corresponding programming algorithm. The Autoselect command may also be used to check the status of write-protected sectors (see Table 3). This mode is functional over the entire temperature range of the device. To activate this mode, the programming equipment must force VID (11.5-12.5 volts) on address pin A9. Two identifier bytes may then be sequenced from the device outputs by toggling address A0 from VIL to VIH. All addresses are don't cares except A0, A1, and A6 (see Table 3). The manufacturer and device codes may also be read via the command register, for instances when the Am29LV800 is erased or programmed in a system Table 3.
Type Manufacturer Code: AMD Word Byte Word Byte Sector Protection Mode A12-A18 X A6 L
without access to high voltage on the A9 pin. The command sequence is illustrated in Table 6. Byte 0 (A0 = VIL) represents the manufacturer's code and byte 1 (A0 = VIH) the device identifier code. These two bytes are given for the Am29LV800 in Table 3. All identifiers for manufacturer and device exhibit odd parity with DQ7 defined as the parity bit. In order to read the proper device codes when executing Autoselect, A1 must be VIL (see Table 3). For device identification in word mode (BYTE = VIH), DQ9 and DQ13 are equal to `1' and DQ8, DQ10-12, DQ14, and DQ15 are equal to `0'. If BYTE = VIH (for word mode), the device code is 22DAh (for top boot block) or 225Bh (for bottom boot block). If BYTE = VIL (for byte mode), the device code is DAh (for top boot block) or 5Bh (for bottom boot block). In order to determine which sectors are write protected, A1 must be at VIH while running through the sector addresses. If the selected sector is protected, the device outputs a `1' on DQ0.
Autoselect/Sector Protection Codes
A1 L A0 L Code (HEX) 01h DQ8-DQ15 High-Z DQ9 = 1, DQ13 = 1, Others = 0 High-Z DQ9 = 1, DQ13 = 1, Others = 0 High-Z X 0 0 0 0 0 0 0 1 DQ DQ DQ DQ DQ DQ DQ DQ 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 1
29LV800 Device (Top Boot Block)
X L X X L X Set Sector Addresses L H L L H L H
22DAh DAh 225Bh 5Bh 01h*
1
1
0
1
1
0
1
0
29LV800 Device (Bottom Boot Block)
0
1
0
1
1
0
1
1
X = Don't care. * Outputs 01h at protected sector addresses.
Am29LV800T/Am29LV800B
11
PRELIMINARY Table 4.
A18 SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 A17 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 A16 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 1 1 1 A15 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 1 1 1
Sector Address Tables (Am29LV800T)
A14 X X X X X X X X X X X X X X X 0 1 1 1 A13 X X X X X X X X X X X X X X X X 0 0 1 A12 X X X X X X X X X X X X X X X X 0 1 X Sector Size 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 32 Kbytes 16 Kwords 8 Kbytes 4 Kwords 8 Kbytes 4 Kwords 16 Kbyte 8 Kwords (x8) Address Range 00000h-0FFFFh 10000h-1FFFFh 20000h-2FFFFh 30000h-3FFFFh 40000h-4FFFFh 50000h-5FFFFh 60000h-6FFFFh 70000h-7FFFFh 80000h-8FFFFh 90000h-9FFFFh A0000h-AFFFFh B0000h-BFFFFh C0000h-CFFFFh D0000h-DFFFFh E0000h-EFFFFh F0000h-F7FFFh F8000h-F9FFFh FA000h-FBFFFh FC000h-FFFFFh (x16) Address Range 00000h-07FFFh 08000h-0FFFFh 10000h-17FFFh 18000h-1FFFFh 20000h-27FFFh 28000h-2FFFFh 30000h-37FFFh 38000h-3FFFFh 40000h-47FFFh 48000h-4FFFFh 50000h-57FFFh 58000h-5FFFFh 60000h-67FFFh 68000h-6FFFFh 70000h-77FFFh 78000h-7BFFFh 7C000h-7CFFFh 7D000h-7DFFFh 7E000h-7FFFFh
Note: The address range is A18:A-1 if in byte mode (BYTE = VIL). The address range is A18:A0 if in word mode (BYTE = VIH).
12
Am29LV800T/Am29LV800B
PRELIMINARY Table 5.
A18 SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 A17 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 A16 0 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 A15 0 0 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
Sector Address Tables (Am29LV800B)
A14 0 0 0 1 X X X X X X X X X X X X X X X A13 0 1 1 X X X X X X X X X X X X X X X X A12 X 0 1 X X X X X X X X X X X X X X X X Sector Size 16 Kbytes 8 Kwords 8 Kbytes 4 Kwords 8 Kbytes 4 Kwords 32 Kbytes 16 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords 64 Kbytes 32 Kwords (x8) Address Range 00000h-03FFFh 04000h-05FFFh 06000h-07FFFh 08000h-0FFFFh 10000h-1FFFFh 20000h-2FFFFh 30000h-3FFFFh 40000h-4FFFFh 50000h-5FFFFh 60000h-6FFFFh 70000h-7FFFFh 80000h-8FFFFh 90000h-9FFFFh A0000h-AFFFFh B0000h-BFFFFh C0000h-CFFFFh D0000h-DFFFFh E0000h-EFFFFh F0000h-FFFFFh (x16) Address Range 00000h-01FFFh 02000h-02FFFh 03000h-03FFFh 04000h-07FFFh 08000h-0FFFFh 10000h-17FFFh 18000h-1FFFFh 20000h-27FFFh 28000h-2FFFFh 30000h-37FFFh 38000h-3FFFFh 40000h-47FFFh 48000h-4FFFF 50000h-57FFFh 58000h-5FFFFh 60000h-67FFFh 68000h-6FFFFh 70000h-77FFFh 78000h-7FFFFh
Note: The address range is A18:A-1 if in byte mode (BYTE = VIL). The address range is A18:A0 if in word mode (BYTE = VIH).
Am29LV800T/Am29LV800B
13
PRELIMINARY
Write
Device erasure and programming are accomplished via the command register. The command register is written by bringing WE to VIL, while CE is at VIL and OE is at VIH. Addresses are latched on the falling edge of CE or WE, whichever occurs later, while data is latched on the rising edge of the CE or WE pulse, whichever occurs first. Standard microprocessor write timings are used. Refer to AC Write Characteristics and the Erase/ Programming Waveforms for specific timing parameters.
user attempts to erase a protected sector, Toggle Bit will be activated for about 50 s; the device will then return to read mode, without having erased the protected sector. It is possible to determine if a sector is protected in the system by writing an Autoselect command. Performing a read operation at the address location XX02h, where the higher order address A18-A12 represents the sector address, will produce a logical `1' at DQ0 for a protected sector.
Sector Protect
Sectors of the Am29LV800 may be hardware protected at the user's factory with external programming equipment. The protection circuitry will disable both program and erase functions for the protected sectors, making the protected sectors read-only. Requests to program or erase a protected sector will be ignored by the device. If the user attempts to write to a protected sector, DATA Polling will be activated for about 1 s; the device will then return to read mode, with data from the protected sector unchanged. If the
+12.0 V
Temporary Sector Unprotect
The sectors of the Am29LV800 may be temporarily unprotected by raising the RESET pin to 12.0 Volts (VID). During this mode, formerly protected sectors can be programmed or erased with standard command sequences by selecting the appropriate byte or sector addresses. Once the RESET pin goes to TTL level (VIH), all the previously protected sectors will be protected again.
RESET 500 ns min.
20478D-8
Figure 1.
Temporary Sector Unprotect Timing Diagram
Command Definitions
Device operations are selected by writing specific address and data sequences into the command register. Writing incorrect address and data values or writing them in the improper sequence will reset the device to the read mode. Table 6 defines the valid register command sequences. Note that the Erase Suspend (B0h) and Erase Resume (30h) commands are valid only while the Sector Erase operation is in progress.
Autoselect Command
Flash memories are intended for use in applications where the local CPU alters memory contents. As such, manufacturer and device codes must be accessible while the device resides in the target system. The Am29LV800 contains an autoselect command operation that provides device information and sector protection status to the system. The operation is initiated by writing the autoselect command sequence into the command register. Following the command write, a read cycle from address XX00h retrieves the manufacturer code of 01h. A read cycle from address XX01hreturns the device code DAh/5Bh for x8 configuration or 22DAh/225Bh for x16 configuration (see Table 3). All manufacturer and device codes will exhibit odd parity with the MSB of the lower byte (DQ7) defined as the parity bit. Scanning the sector addresses (A12, A13, A14, A15, A16, A17, and A18) while (A6, A1, A0) = (0, 1, 0) will produce a logical `1' code at device output DQ0 for a write protected sector (See Table 3). To terminate the Autoselect operation, it is necessary to write the read/reset command sequence into the register.
Read/Reset Command
The device will automatically power up in the read/ reset state. In this case, a command sequence is not required to read data. Standard microprocessor cycles will retrieve array data. This default value ensures that no spurious alteration of the memory content occurs during the power transition. Refer to the AC Characteristics section for the specific timing parameters. The read or reset operation is initiated by writing the read/reset command sequence into the command register. Microprocessor read cycles retrieve array data from the memory. The device remains enabled for reads until the command register contents are altered. 14
Am29LV800T/Am29LV800B
PRELIMINARY Table 6.
Command Sequence Read/Reset (Note 2) Bus Write Cycles Req'd First Bus Write Cycle Addr Data
Am29LV800 Command Definitions
Second Bus Read/Write Cycle Addr Data Third Bus Write Cycle Addr Data Fourth Bus Read/Write Cycle Addr Data Fifth Bus Write Cycle Addr Data Sixth Bus Write Cycle Addr Data
Word Reset/Read Byte Word Autoselect Manufacturer ID Byte Autoselect Word Device ID (Top Boot Block) Byte Autoselect Device ID (Bottom Boot Block) Word 3 Byte AAA 555 3 AAA 555 3 AAA 555 1 XXX
XXF0 RA F0 XXAA AA XXAA AA XXAA AA 2AA 555 2AA 555 2AA 555 XX55 55 XX55 55 XX55 55 555 AAA 555 AAA 555 AAA XX90 90 XX90 90 XX90 90 X00 X00 X01 X02 X01 X02 SA X02 SA X04 XX01 01 22DA DA 225B 5B XX00 XX01 00 01 PD XXAA AA XXAA AA 2AA 555 2AA 555 XX55 55 XX55 SA AAA 1 XXX B0 XX30 1 XXX 30 AA XXB0 555 55 AAA 80 AAA 55 30 555 AAA XX10 10 XX30 RD
Autoselect Sector Protect Verify (Note 3)
Word 3 Byte Word
555
XXAA
2AA
XX55
555
XX90
AAA 555 4 AAA 555 6 AAA 555 6
AA XXAA AA XXAA AA XXAA
555 2AA 555 2AA 555 2AA
55 XX55 55 XX55 55 XX55
AAA 555 AAA 555 AAA 555
90 XXA0
Program Byte Word Chip Erase Byte Word Sector Erase Byte Erase Suspend (Note 4) Erase Resume (Note 5) Word Byte Word Byte
PA A0 XX80 80 XX80 555 AAA 555
Legend: RA = Address of the memory location to be read. RD = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE or CE pulse. PD = Data to be programmed at location PA. Data is latched on the rising edge of WE or CE pulse. SA = Address of the sector to be erased or verified. Address bits A18-A12 uniquely select any sector. Notes: 1. All values are in hexadecimal. 2. See Tables 1 and 2 for description of bus operations. 3. The data is 00h for an unprotected sector and 01h for a protected sector. The complete bus address is composed of the sector address on A18-A12 and 02h on A7-A0. 4. Read and program functions in non-erasing sectors are allowed in the Erase Suspend mode. The Erase Suspend command is valid only during a sector erase operation. 5. The Erase Resume command is valid only during the Erase Suspend mode. 6. Unless otherwise noted, address bits A18-A11 = X = don't care.
Am29LV800T/Am29LV800B
15
PRELIMINARY
Word/Byte Programming
The device can be programmed on a word or byte basis. Programming is a four-bus-cycle operation. There are two "unlock" write cycles. These are followed by the program command and address/data write cycles. Addresses are latched on the falling edge of CE or WE, whichever occurs later, while the data is latched on the rising edge of CE or WE, whichever occurs first. The rising edge of CE or WE, whichever occurs first, initiates programming using the Embedded Program Algorithm. Upon executing the write command, the system is not required to provide further controls or timing. The device will automatically provide adequate internally generated program pulses and verify the programmed cell margin. The status of the Embedded Program Algorithm operation can be determined three ways: s DATA Polling of DQ7 s Checking the status of the toggle bit DQ6 s Checking the status of the RY/BY pin Any commands written to the chip during the Embedded Program Algorithm will be ignored. If a hardware reset occurs during a programming operation, the data at that location will be corrupted. Programming is allowed in any sequence and across sector boundaries. Beware that a data `0' cannot be programmed back to a `1'. Attempting to do so will cause the device to exceed programming time limits (DQ5 = 1) or result in an apparent success according to the data polling algorithm. However, reading the device after executing the Read/Reset operation will show that the data is still `0'. Only erase operations can convert `0's to `1's. Figure 7 illustrates the Embedded Program Algorithm, using typical command strings and bus operations.
s DATA Polling of DQ7 s Checking the status of the toggle bit DQ6 s Checking the status of the RY/BY pin Figure 8 illustrates the Embedded Erase Algorithm, using a typical command sequence and bus operations.
Sector Erase
Sector erase is a six bus cycle operation. There are two "unlock" writes. These are followed by writing the erase "set up" command. Two more "unlock" writes are followed by the Sector Erase command (30h). The sector address (any address location within the desired sector) is latched on the falling edge of WE or CE (whichever occurs last) while the command (30h) is latched on the rising edge of WE or CE (whichever occurs first). Multiple sectors can be specified for erase by writing the six bus cycle operation as described above and then following it by additional writes of the Sector Erase command to addresses of other sectors to be erased. The time between Sector Erase command writes must be less than 80 s, otherwise that command will not be accepted. It is recommended that processor interrupts be disabled during this time to guarantee this condition. The interrupts can be re-enabled after the last Sector Erase command is written. A time-out of 80 s from the rising edge of the last WE (or CE) will initiate the execution of the Sector Erase command(s). If another falling edge of the WE (or CE) occurs within the 80 s time-out window, the timer is reset. During the 80 s window, any command other than Sector Erase or Erase Suspend written to the device will reset the device back to Read mode. Once the 80 s window has timed out, only the Erase suspend command is recognized. Note that although the Reset command is not recognized in the Erase Suspend mode, the device is available for read or program operations in sectors that are not erase suspended. The Erase Suspended and Erase Resume commands may be written as often as required during a sector erase operation. Hence, once erase has begun, it must ultimately complete unless Hardware Reset is initiated. Loading the sector erase registers may be done in any sequence and with any number of sectors (0 to 18). Sector erase does not require the user to program the device prior to erase. The device automatically preprograms all memory locations, within sectors to be erased, prior to electrical erase. When erasing a sector or sectors, the remaining unselected sectors or the write protected sectors are unaffected. The system is not required to provide any controls or timings during sector erase operations. The Erase Suspend and Erase Resume commands may be written as often as required during a sector erase operation.
Chip Erase
Chip erase is a six bus cycle operation. There are two "unlock" write cycles, followed by writing the erase "set up" command. Two more "unlock" write cycles are followed by the chip erase command. Chip erase does not require the user to preprogram the device to all `0's prior to erase. Upon executing the Embedded Erase Algorithm command sequence, the device automatically programs and verifies the entire memory to an all zero data pattern prior to electrical erase. The system is not required to provide any controls or timings during these operations. The Embedded Erase Algorithm erase begins on the rising edge of the last WE or CE (whichever occurs first) pulse in the command sequence. The status of the Embedded Erase Algorithm operation can be determined three ways:
16
Am29LV800T/Am29LV800B
PRELIMINARY Automatic sector erase operations begin on the rising edge of the WE (or CE) pulse of the last sector erase command issued, and once the 80 s time-out window has expired. The status of the sector erase operation can be determined three ways: s DATA Polling of DQ7 s Checking the status of the toggle bit DQ6 s Checking the status of the RY/BY pin Further status of device activity during the sector erase operation can be determined using toggle bits DQ2 and DQ3. Figure 8 illustrates the Embedded Erase Algorithm, using a typical command sequence and bus operations. at which time the user can read or program from a sector that is not erase suspended. Reading data in this mode is the same as reading from the standard read mode, except that the data must be read from sectors that have not been erase suspended. Successively reading from the erase-suspended sector while the device is in the erase-suspend-read mode will cause DQ2 to toggle. Polling DQ2 on successive reads from a given sector provides the system the ability to determine if a sector is in Erase Suspend. After entering the erase-suspend-read mode, the user can program the device by writing the appropriate command sequence for Byte Program. This program mode is known as the erase suspend-program mode. Again, programming in this mode is the same as programming in the regular Byte Program mode, except that the data must be programmed to sectors that are not erase suspended. Successively reading from the erase suspended sector while the device is in the erase suspend-program mode will cause DQ2 to toggle. Completion of the erase suspend operation can be determined two ways: s Checking the status of the toggle bit DQ2 s Checking the status of the RY/BY pin To resume the operation of Sector Erase, the Resume command (30h) should be written. Any further writes of the Resume command at this point will be ignored. However, another Erase Suspend command can be written after the device has resumed sector erase operations. When the erase operation has been suspended, the device defaults to the erase-suspend-read mode. Reading data in this mode is the same as reading from the standard read mode except that the data must be read from sectors that have not been erase-suspended. To resume the operation of Sector Erase, the Resume command (30h) should be written. Any further writes of the Resume command at this point will be ignored. Another Erase Suspend command can be written after the chip has resumed erasing.
Erase Suspend
The Erase Suspend command allows the user to interrupt a Sector Erase operation and then perform data read or programs in a sector not being erased. This command is applicable only during the Sector Erase operation, which includes the time-out period for Sector Erase. The Erase Suspend command will be ignored if written during the execution of the Chip Erase operation or Embedded Program Algorithm (but will reset the chip if written improperly during the command sequences.) Writing the Erase Suspend command during the Sector Erase time-out results in immediate termination of the time-out period and suspension of the erase operation. Once in Erase Suspend, the device is available for read (note that in the Erase Suspend mode, the Reset/Read command is not required for read operations and is ignored) or program operations in sectors not being erased. Any other command written during the Erase Suspend mode will be ignored, except for the Erase Resume command. Writing the Erase Resume command resumes the sector erase operation. The addresses are "don't cares" when writing the Erase Suspend or Erase Resume command. When the Erase Suspend command is written during a Sector Erase operation, the chip will take between 0.1 s and 20 s to actually suspend the operation and go into erase suspended read mode (pseudo-read mode),
Am29LV800T/Am29LV800B
17
PRELIMINARY
Write Operation Status
Address Sensitivity of Write Status Flags Detailed in Table 7 are all the status flags that can be used to check the status of the device for current mode operation. During Sector Erase, the part provides the status flags automatically to the I/O ports. The information on DQ2 is address sensitive. This means that if an address from an erasing sector is consecutively read, then the DQ2 bit will toggle. However, DQ2 will not toggle if an address from a non-erasing sector is consecutively read. This allows the user to determine which sectors are erasing and which are not.
Once Erase Suspend is entered, address sensitivity still applies. If the address of a non-erasing sector (that is, one available for read) is provided, then stored data can be read from the device. If the address of an erasing sector (that is, one unavailable for read) is applied, the device will output its status bits. Confirmation of status bits can be done by doing consecutive reads to toggle DQ2, which is active throughout the Embedded Erase mode, including Erase Suspend. In order to effectively use DATA Polling to determine if the device has entered into erase-suspended mode, it is necessary to apply a sector address from a sector being erased.
Table 7. Hardware Sequence Flags
Status Byte and Word Programming Program/Erase in Auto-Erase Erase Sector Address Erase Suspend Mode Non-Erase Sector Address Program in Erase Suspend Byte and Word Programming Exceeded Time Limits Program/Erase in Auto-Erase Program in Erase Suspend DQ7 DQ7 0 1 Data DQ7 (Note 2) DQ7 0 DQ7 DQ6 Toggle Toggle No Toggle Data Toggle Toggle Toggle Toggle DQ5 0 0 0 Data 0 1 1 1 DQ3 0 1 0 Data 0 0 1 0 DQ2 No Toggle (Note 1) Toggle (Note 1) Data (Note 2) 1 (Note 2) No Toggle (Note 3) No Toggle RY/BY 0 0 1 1 0 0 0 0
In Progress
Notes: 1. DQ2 can be toggled when the sector address applied is that of an erasing or erase suspended sector. Conversely, DQ2 cannot be toggled when the sector address applied is that of a non-erasing or non-erase suspended sector. DQ2 is therefore used to determine which sectors are erasing or erase suspended and which are not. 2. These status flags apply when outputs are read from the address of a non-erase-suspended sector. 3. If DQ5 is high (exceeded timing limits), successive reads from a problem sector will cause DQ2 to toggle.
DQ7: Data Polling The Am29LV800 features DATA Polling as a method to indicate to the host system that the embedded algorithms are in progress or completed. During the Embedded Program Algorithm, an attempt to read the device will produce the compliment of the data last written to DQ7. Upon completion of the Embedded Program Algorithm, an attempt to read the device will produce the true data last written to DQ7. Note that just at the instant when DQ7 switches to true data, the other bits, DQ6-DQ0, may not yet be true data. However, they will all be true data on the next read from the device. Please note that Data Polling (DQ7) may give an inaccurate result when an attempt is made to write to a protected sector. During an Embedded
Erase Algorithm, an attempt to read the device will produce a `0' at the DQ7 output. Upon completion of the Embedded Erase Algorithm, an attempt to read the device will produce a `1' at DQ7. For chip erase, the DATA Polling is valid (DQ7 = 1) after the rising edge of the sixth WE pulse in the six write pulse sequence. For sector erase, the DATA Polling is valid after the last rising edge of the sector erase WE pulse. DATA Polling must be performed at sector addresses within any of the sectors being erased and not a sector that is within a protected sector. Otherwise, the status may not be valid. Just prior to the completion of Embedded Algorithm operations, DQ7 may change asynchronously while the output enable (OE) is asserted low. This means that the
18
Am29LV800T/Am29LV800B
PRELIMINARY device is driving status information on DQ7 at one instant of time and then that byteUs valid data at the next instant of time. Depending on when the system samples the DQ7 output, it may read the status or valid data. Even if the device has completed the Embedded Algorithm operations and DQ7 has valid data, DQ0- DQ6 may still provide write operation status. The valid data on DQ0-DQ7 can be read on the next successive read attempt. The DATA Polling feature is only active during the Embedded Programming Algorithm, Embedded Erase Algorithm, Erase Suspend, erase suspend-program mode, or sector erase time-out (see Table 7). If the user attempts to write to a protected sector, DATA Polling will be activated for about 1 s; the device will then return to read mode, with data from the protected sector unchanged. If the user attempts to erase a protected sector, Toggle Bit will be activated for about 50 s; the device will then return to read mode, without having erased the protected sector. See Figure 18 for the DATA Polling timing specifications and diagrams. DQ6: Toggle Bit The Am29LV800 also features a "Toggle Bit" as a method to indicate to the host system whether the embedded algorithms are in progress or completed. During an Embedded Program or Erase Algorithm, successive attempts to read data from the device will result in DQ6 toggling between one and zero. Once the Embedded Program or Erase Algorithm is completed, DQ6 will stop toggling and valid data can be read on the next successive attempts. During programming, the Toggle Bit is valid after the rising edge of the fourth WE pulse in the four-write-pulse sequence. During Chip erase, the Toggle Bit is valid after the rising edge of the sixth WE pulse in the six-write-pulse sequence. During Sector erase, the Toggle Bit is valid after the last rising edge of the sector erase WE pulse. The Toggle Bit is active during the Sector Erase time-out. Either CE or OE toggling will cause DQ6 to toggle. If the user attempts to write to a protected sector, DATA Polling will be activated for about 1 s; the device will then return to read mode, with data from the protected sector unchanged. If the user attempts to erase a protected sector, Toggle Bit will be activated for about 50 s; the device will then return to read mode, without having erased the protected sector. DQ5: Exceeded Timing Limits DQ5 will indicate if the program or erase time has exceeded the specified limits (internal pulse count). Under these conditions, DQ5 will produce a `1' indicating that the program or erase cycle was not successfully completed. Write operation status and reset command are the only operating functions under this condition. The device will draw active power under this condition. The DQ5 failure condition will also appear if the user attempts to write a data `1' to a bit that has already been programmed to a data `0'. In this case, the DQ5 failure condition is not guaranteed to happen, since the device was incorrectly used. Please note that programming a data `0' to a data `1' should never be attempted, and only erasure should be used for this purpose. If programming to a data `1' is attempted, the device should be reset. If the DQ5 failure condition is observed while in Sector Erase mode (that is, exceeded timing limits), then DQ2 can be used to determine which sector had the problem. This is especially useful when multiple sectors have been loaded for erase. DQ3: Sector Erase Timer After the completion of the initial Sector Erase command sequence, the Sector Erase time-out will begin. DQ3 will remain low until the time-out is complete. DATA Polling (DQ7) and Toggle Bit (DQ6) are also valid after the first sector erase command sequence. If DATA Polling or the Toggle Bit indicates the device has been written with a valid Sector Erase command, DQ3 may be used to determine if the sector erase timer window is still open. If DQ3 is high (`1'), the internally controlled erase cycle has begun; attempts to write subsequent commands to the device will be ignored until the erase operation is completed as indicated by the DATA Polling or Toggle Bit. If DQ3 is low (`0'), the device will accept additional sector erase commands. To be certain the command has been accepted, the software should check the status of DQ3 following each Sector Erase command. If DQ3 was high on the second status check, the command may not have been accepted. It is recommended that the user guarantee the time between sector erase command writes be less than 80 s by disabling the processor interrupts just for the duration of the Sector Erase (30h) commands. This approach will ensure that sequential sector erase command writes will be written to the device while the sector erase timer window is still open. DQ2: Toggle Bit 2 This toggle bit, along with DQ6, can be used to determine whether the device is in the Embedded Erase Algorithm or in Erase Suspend. Successive reads from the erasing sector will cause DQ2 to toggle during the Embedded Erase Algorithm. If the device is in the erase suspend-read mode, successive reads from the erase-suspended sector will cause DQ2 to toggle. When the device is in the erase suspend-program mode, successive reads from the byte address of the non-erase suspended sector will
Am29LV800T/Am29LV800B
19
PRELIMINARY indicate a logic `1' at the DQ2 bit. Note that a sector which is selected for erase is not available for read in Erase Suspend mode. Other sectors which are not selected for Erase can be read in Erase Suspend. DQ6 is different from DQ2 in that DQ6 toggles only when the standard program or erase, or erase suspend-program operation is in progress. If the DQ5 failure condition is observed while in Sector Erase mode (that is, exceeded timing limits), the DQ2 toggle bit can give extra information. In this case, the normal function of DQ2 is modified. If DQ5 is at logic `1', then DQ2 will toggle with consecutive reads only at the sector address that caused the failure condition. DQ2 will toggle at the sector address where the failure occurred and will not toggle at other sector addresses. RY/BY: Ready/Busy Pin The Am29LV800 provides a RY/BY open-drain output pin as a way to indicate to the host system that the Embedded Algorithms are either in progress or have been completed. If the output is low, the device is busy with either a program or erase operation. If the output is high, the device is ready to accept any read/write or erase operation. When the RY/BY pin is low, the device will not accept any additional program or erase commands with the exception of the Erase Suspend command. If the Am29LV800 is placed in an Erase Suspend mode, the RY/BY output will be high. For programming, the RY/BY is valid (RY/BY=0) after the rising edge of the fourth WE pulse in the four write pulse sequence. For chip erase, the RY/BY is valid after the rising edge of the sixth WE pulse in the six write pulse sequence. For sector erase, the RY/BY is also valid after the rising edge of the sixth WE pulse. Since the RY/BY pin is an open-drain output, several RY/BY pins can be tied together in parallel with a pull-up resistor to VCC.
Table 8.
Mode Program Erase Erase-Suspend Read (Note 1) (Erase-Suspended Sector) Erase Suspend Program
Toggle Bit Status
DQ7 DQ7 0 1 DQ7 (Note 2) DQ6 Toggles Toggles 1 Toggles DQ2 1 Toggles Toggles 1 (Note 2)
Notes: 1. These status flags apply when outputs are read from a sector that has been erase suspended. 2. These status flags apply when outputs are read from the byte/word addresses of the non-erase suspended sector.
CE LAST_BUS_CYCLE WE
RY/BY tBUSY
20478D-9
Figure 2.
RY/BY Timing Diagram
20
Am29LV800T/Am29LV800B
PRELIMINARY RESET: Hardware Reset Pin The RESET pin is an active low signal. A logic `0' on this pin will force the device out of any mode that is currently executing back to the reset state. This allows a system reset to take effect immediately without having to wait for the device to finish a long execution cycle. To avoid a potential bus contention during a system reset, the device is isolated from the data I/O bus by tri-stating the data output pins for the duration of the RESET pulse. If RESET is asserted during a program or erase operation, the RY/BY pin will remain low until the reset operation is internally complete. This will require between 1 s and 20 s. Hence the RY/BY pin can be used to signal that the reset operation is complete. Otherwise, allow for the maximum reset time of 20 s. If RESET is asserted when a program or erase operation is not executing (RY/BY pin is high), the reset operation will be complete within 500 ns. Asserting RESET during a program or erase operation leaves erroneous data stored in the address locations being operated on at the time of device reset. These locations need updating after the reset operation is complete. See Figure 4 for timing specifications. The device enters ICC4 standby mode (200 nA) when VSS 0.3 V is applied to the RESET pin. The device can enter this mode at any time, regardless of the logical condition of the CE pin. Furthermore, entering ICC4 during a program or erase operation leaves erroneous data in the address locations being operated on at the time of the RESET pulse. These locations need updating after the device resumes standard operations. After the RESET pin goes high, a minimum latency period of 50 ns must occur before a valid read can take place.
RESET
tRL
RY/BY 20 s max
20478D-10
Figure 3.
Device Reset During a Program or Erase Operation
RESET
tRL
RY/BY 0V
20478D-11
Figure 4.
Device Reset During Read Mode
Am29LV800T/Am29LV800B
21
PRELIMINARY
Word/Byte Configuration
The BYTE pin of the Am29LV800 is used to set device data I/O pins in the byte or word configuration. If the BYTE pin is set at logic `1', the device is in word configuration, DQ0-15 are active and controlled by CE and OE (see Figure 5).
If the BYTE pin is set at logic `0', the device is in byte configuration, and only data I/O pins DQ0-7 are active and controlled by CE and OE. The data I/O pins DQ8- 14 are tri-stated. In byte mode, the DQ15 pin is used as an input for the LSB (A-1) address function (see Figure 6).
CE
OE
BYTE tELFH DQ8-DQ14 DQ8-DQ14 tFHQV DQ15/A-1 A-1 DQ15
20478D-12
DQ8-DQ14
Figure 5.
Timing Diagram for Word Mode Configuration
CE
OE
BYTE tELFL DQ8-DQ14 DQ8-DQ14 DQ8-DQ14
DQ15/A-1
DQ15 tFLQZ
A-1
20478D-13
Figure 6.
Timing Diagram for Byte Mode Configuration
22
Am29LV800T/Am29LV800B
PRELIMINARY
Data Protection
The Am29LV800 is designed to offer protection against accidental erasure or programming caused by spurious system level signals that may exist during power transitions. During power-up, the device automatically resets the internal state machine to the read mode. Also, with its control register architecture, alteration of the memory contents only occurs after successful completion of the command sequences. The Am29LV800 incorporates several features to prevent inadvertent write cycles resulting from V CC power-up and power-down transitions or system noise.
be ignored until the VCC level is greater than VLKO. It is the user's responsibility to ensure that the control levels are logically correct when VCC is above VLKO (unless the RESET pin is asserted).
Write Pulse "Glitch" Protection
Noise pulses of less than 5 ns (typical) on OE, CE, or WE will not change the command registers.
Logical Inhibit
Writing is inhibited by holding any one of OE = VIL, CE = VIH, or WE = VIH. To initiate a write, CE and WE must be logical zero while OE is a logical one.
Low VCC Write Inhibit
To avoid initiation of a write cycle during VCC power-up and power-down, a write cycle is locked out for VCC less than VLKO (lock-out voltage). If VCC < VLKO, the command register is disabled and all internal program/ erase circuits are disabled. Under this condition, the device will reset to read mode. Subsequent writes will
Power-Up Write Inhibit
Power up of the device with WE = CE = VIL and OE = VIH will not accept commands on the rising edge of WE. The internal state machine is automatically reset to read mode on power up.
Am29LV800T/Am29LV800B
23
PRELIMINARY
EMBEDDED ALGORITHMS
START
Write Program Cmd Sequence
Data Poll Device
Verify Byte?
No
Yes No
Increment Address
Last Address?
Yes Programming Completed
20478D-14
Figure 7. Embedded Program Algorithm
Embedded Program Algorithm
Bus Operation Standby* Write Read Standby* Program Valid Address/Data DATA Polling to Verify Programming Compare Data Output to Data Expected Command Sequence Comments
* Device is either powered-down, erase inhibit, or program inhibit.
24
Am29LV800T/Am29LV800B
PRELIMINARY
START
Write Erase Cmd Sequence
Data Poll from Device
No
Data = FFH?
Yes Erasure Completed
20478D-15
Figure 8. Embedded Erase Algorithm
Embedded Erase Algorithm
Bus Operation Standby Write Read Standby Erase DATA Polling to Verify Erasure Compare Output to FFh Command Sequence Comments
Am29LV800T/Am29LV800B
25
PRELIMINARY
Data Polling Algorithm
START
DQ7 = Data?
Yes
No No
DQ5 = 1?
Yes Yes
DQ7 = Data?
No FAIL PASS
20478D-16
Figure 9.
Data Polling Algorithm
26
Am29LV800T/Am29LV800B
PRELIMINARY
Toggle Bit Algorithm
START
DQ6 = Toggle?
No
Yes No
DQ5 = 1?
Yes No
DQ6 = Toggle?
Yes FAIL PASS
20478D-17
Figure 10.
Toggle Bit Algorithm
20 ns
20 ns +0.8 V -0.5 V -2.0 V 20 ns
20478D-18
Figure 11.
Maximum Negative Overshoot Waveform
20 ns
VCC + 2.0 V VCC + 0.5 V 2.0 V 20 ns 20 ns
20478D-19
Figure 12.
Maximum Positive Overshoot Waveform
Am29LV800T/Am29LV800B
27
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Plastic Packages . . . . . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied. . . . . . . . . . . . . . -55C to +125C Voltage with Respect to Ground All pins except A9 (Note 1). . . . . -0.5 V to VCC +4.5 V VCC (Note 1). . . . . . . . . . . . . . . . . . . . -0.5 V to +5.5 V RESET, OE, A9 (Note 2) . . . . . . . . . -0.5 V to +13.0 V Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes: 1. Minimum DC voltage on input or I/O pins is -0.5 V. During voltage transitions, inputs may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC voltage on input and I/O pins is VCC + 0.5 V. During voltage transitions, input and I/O pins may overshoot to VCC + 2.0 V for periods up to 20ns. 2. Minimum DC input voltage on A9 pin is -0.5 V. During voltage transitions, A9 may overshoot VSS to -2.0 V for periods of up to 20 ns. Maximum DC input voltage on A9 is +13.5 V which may overshoot to 14.0 V for periods up to 20 ns. 3. No more than one output shorted at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA). . . . . . . . . . . . 0C to +70C Industrial (I) Devices Ambient Temperature (TA). . . . . . . . . . -40C to +85C Extended (E) Devices Ambient Temperature (TA). . . . . . . . . -55C to +125C VCC Supply Voltages VCC for Am29LV800T/B-90R. . . . . . . . +3.0 V to 3.6 V VCC for Am29LV800T/B-100, -120, -150 . . . . . . . . . . . . . . . . . . . . . . +2.7 V to 3.6 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
28
Am29LV800T/Am29LV800B
PRELIMINARY
DC CHARACTERISTICS CMOS Compatible
Parameter Symbol ILI ILIT ILO Parameter Description Input Load Current A9 Input Load Current Output Leakage Current Test Conditions VIN = VSS to VCC, VCC = VCC max VCC = VCC max; A9 = 13.0 V VOUT = VSS to VCC, VCC = VCC max CE = VIL, OE = VIH, Byte Mode ICC1 VCC Active Current (Note 1) CE = VIL, OE = VIH, Word Mode ICC2 ICC3 ICC4 ICC5 VIL VIH VID VOL VOH1 VOH2 VLKO Low VCC Lock-Out Voltage (Note 4) VCC Active Current (Notes 2 and 4) VCC Standby Current VCC Reset Current Automatic Sleep Mode (Note 3) Input Low Voltage Input High Voltage Voltage for Autoselect and Temporary Sector Unprotect Output Low Voltage Output High Voltage VCC = 3.3 V IOL = 4.0 mA, VCC = VCC min IOH = -2.0 mA, VCC = VCC min IOH = -100 A, VCC = VCC min 0.85 VCC VCC-0.4 2.3 2.5 V CE = VIL, OE = VIH VCC = VCC max; CE, RESET = VCC0.3 V VCC = VCC max; RESET = VSS 0.3 V VIH = VCC 0.3 V; VIL = VSS 0.3 V -0.5 0.7 x VCC 11.5 5 MHz 1 MHz 5 MHz 1 MHz Min Max 1.0 35 1.0 16 4 mA 16 4 30 5 5 5 0.8 VCC + 0.3 12.5 0.45 mA A A A V V V V V Unit A A A
Notes: 1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 5 MHz). The frequency component typically is less than 2 mA/MHz, with OE at VIH. 2. ICC active while Embedded Erase or Embedded Program is in progress. 3. Automatic sleep mode enables the low power mode when addresses remain stable for 200 ns. Typical sleep mode current is 200 nA. 4. Not 100% tested.
Am29LV800T/Am29LV800B
29
PRELIMINARY
DC CHARACTERISTICS (Continued)
25 Supply Current in mA
20
15
10
5 0 0 500 1000 1500 2000 Time in ns
Note: Addresses are switching at 1 MHz
20478D-20
2500
3000
3500
4000
Figure 13A.
ICC Current vs. Time
15
Supply Current in mA
10
3.6 V
2.7 V
5
0 1
Note: T = 25 C
2
3 Frequency in MHz Figure 13B. ICC vs. Frequency
4
5
20478D-21
30
Am29LV800T/Am29LV800B
PRELIMINARY
DC CHARACTERISTICS (Continued) TTL/NMOS Compatible
Parameter Symbol ILI ILIT ILO ICC1 I ICC3 ICC4 ICC5 VIL VIH VID VOL VOH VLKO Parameter Description Input Load Current A9 Input Load Current Output Leakage Current VCC Active Read Current (Note 1) VCC Active Write Current (Note 2) VCC Standby Current VCC Standby Current During Reset Automatic Sleep Mode (Note 3) Input Low Level Input High Level Voltage for Autoselect and Sector Protect Output Low Level Output High Level Low VCC Lock-Out Voltage (Note 4) IOL = 4.0 mA, VCC = VCC MIN IOH = -2.0 mA, VCC = VCC MIN 2.4 2.3 2.5 Test Description VIN = VSS to VCC, VCC = VCC MAX VCC = VCC MAX, A9 = VID VOUT = VSS to VCC, VCC = VCC MAX Byte CE = VIL, OE = VIH CE = VIL, OE = VIH VCC = VCC MAX, CE = VIH, RESET = VIH VCC = VCC MAX, CE = VIH, RESET = VIL CE = VIL, OE = VIH -0.5 2.0 11.5 Word Min Max 1.0 35 1.0 30 35 35 250 250 250 0.8 VCC + 0.5 12.5 0.45 mA A A A V V V V V V Unit A A A mA
VCC = 2.7 V to 3.6 V Notes: 1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 5 MHz). The frequency component typically is less than 2 mA/MHz, with OE at VIH. 2. ICC active while Embedded Algorithm (program or erase) is in progress. 3. Automatic sleep mode enables the low power mode when addresses remain stable for 300 ns. Typical sleep mode current is 80 A. 4. Not 100% tested.
Am29LV800T/Am29LV800B
31
PRELIMINARY
AC CHARACTERISTICS Read-Only Operations Characteristics
Parameter Symbols JEDEC tAVAV tAVQV tELQV tGLQV tEHQZ tGHQZ tAXQX Standard tRC tACC tCE tOE tDF tDF tOH tReady Description Read Cycle Time (Note 3) Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay Chip Enable to Output High Z (Notes 2, 3) Output Enable to Output High Z (Notes 2, 3) Output Hold Time From Addresses, CE or OE, Whichever Occurs First (Note 3) RESET Pin Low to Read Mode (Note 3) CE = VIL OE = VIL OE = VIL Test Setup Min Max Max Max Max Max Min Max Speed Option (Note 1) -90R 90 90 90 40 30 30 0 20 -100 100 100 100 40 30 30 0 20 -120 120 120 120 50 30 30 0 20 -150 150 150 150 55 40 40 0 20 Unit ns ns ns ns ns ns ns s
Notes: 1. Test Conditions Input Rise and Fall Times: 5 ns Input Pulse Levels: 0.0 V to 3.0 V Timing Measurement Reference Level: Input: 1.5 V Output: 1.5 V 2. Output Driver Disable Time 3. Not 100% tested.
3.3 V IN3064 or Equivalent
2.7 k
Device Under Test CL
6.2 k
IN3064 or Equivalent
IN3064 or Equivalent
Notes: CL = 30 pF for 90 and 100 ns CL = 100 pF for 120 and 150 ns
IN3064 or Equivalent
20478D-15
Figure 14.
Test Conditions
32
Am29LV800T/Am29LV800B
PRELIMINARY
AC CHARACTERISTICS Write (Erase/Program) Operations
Parameter Symbols JEDEC tAVAV tAVWL tWLAX tDVWH tWHDX Standard tWC tAS tAH tDS tDH tOES tOEH Description Write Cycle Time (Note 2) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time (Note 2) Read (Note 2) Output Enable Hold TIme Toggle and Data Polling (Note 2) Min Min Min Min Min Min Min Min Min Min Min Min Min Byte tWHWH1 tWHWH2 tWHWH1 tWHWH2 tVCS tRB tRH tRPD tBUSY Programming Operation Word Sector Erase Operation (Note 1) VCC Setup TIme Write Recovery Time from RY/BY RESET High Time Before Read RESET To Power Down Time Program/Erase Valid to RY/BY Delay Typ Typ Min Min Min Min Min Max Min Min Min Min Max Min 11 1 50 0 50 20 90 5 30 30 500 500 20 4 11 1 50 0 50 20 90 5 30 30 500 500 20 4 11 1 50 0 50 20 90 5 40 40 500 500 20 4 11 1 50 0 50 20 90 5 40 40 500 500 20 4 Typ -90R 90 0 50 50 0 0 0 10 0 0 0 50 30 9 -100 100 0 50 50 0 0 0 10 0 0 0 50 30 9 -120 120 0 50 50 0 0 0 10 0 0 0 50 30 9 -150 150 0 65 65 0 0 0 10 0 0 0 65 35 9 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns s sec s ns ns s ns ns ns ns ns ns s s
tGHWL tELWL tWHEH tWLWH tWHDL
tGHWL tCS tCH tWP tWPH
Read Recovery TIme Before Write (OE High to WE Low) CE Setup TIme CE Hold TIme Write Pulse Width Write Pulse Width High
tELFL/tELFH CE to BYTE Switching Low or High tFLQZ tFHQV tVIDR tRP t RRB tRSP BYTE Switching Low to Output HIGH Z BYTE Switching High to Output Active Rise TIme to VID RESET Pulse Width RESET Low to RY/BY High RESET Setup Time for Temporary Sector Unprotect
Notes: 1. The duration of the program or erase operation is variable and is calculated in the internal algorithms. 2. Note 100% tested.
Am29LV800T/Am29LV800B
33
PRELIMINARY
KEY TO SWITCHING WAVEFORMS
WAVEFORM INPUTS Must be Steady May Change from H to L May Change from L to H Don't Care, Any Change Permitted Does Not Apply OUTPUTS Will be Steady Will be Changing from H to L Will be Changing from L to H Changing, State Unknown Center Line is HighImpedance "Off" State
KS000010-PAL
SWITCHING WAVEFORMS
3.0 V 0.0 V
20478D-16
Input
1.5 V
Measurement Level
1.5 V
Output
Figure 15.
Input Waveforms and Measurement Levels
34
Am29LV800T/Am29LV800B
PRELIMINARY
SWITCHING WAVEFORMS
tRC Addresses CE tOE OE tOEH WE HIGH Z Outputs Output Valid tCE tOH HIGH Z tDF Addresses Stable tACC
20478D-17
Figure 16.
AC Waveforms for Read Operations
tWC Addresses
tAS
tAH CE tGHWL OE tWP WE tCS tWPH tDH DIN tDS VCC DQ7 DOUT tWHWH1_or_2
tRC
tDF tOE
DATA
tOH tCE
Notes: 1. DIN is the data input to the device. 2. DQ7 is the output of the complement of the data written to the device. 3. DOUT is the output of the data written to the device.
20478D-18
Figure 17. Program Operations Timings
Am29LV800T/Am29LV800B
35
PRELIMINARY
SWITCHING WAVEFORMS
tWC Addresses 555h tAS 2AAh tAH CE tGHWL OE tWP WE tCS tDS tDH DATA
AAh 55h 80h AAh 55h 10h for Chip Erase 30h 555H for chip erase
555h
555h
2AAh
SA
tWPH
VCC
Notes: 1. SA is the sector address for Sector Erase. Addresses = Don't Care for Chip Erase. 2. These waveforms are for the x16 mode.
20478D-19
Figure 18.
AC Waveforms for Chip/Sector Erase Operations
tCH CE tOE OE tOEH tCE DQ7 tWHWH1_or_2 DQ0-DQ6
DQ0-DQ6=Invalid Data DQ0-DQ6 Valid Data DQ7
tDF
WE
*
tOH
DQ7=Valid Data
HIGH Z
HIGH Z
Note: DQ7 = Valid Data (The device has completed the embedded operation.)
20478D-20
Figure 19.
AC Waveforms for Data Polling During Embedded Algorithm Operations
36
Am29LV800T/Am29LV800B
PRELIMINARY
SWITCHING WAVEFORMS
CE WE OE DQ6/DQ2 tDH tOE
tOEH
Note: DQ6 stops toggling (The device has completed the embedded operation.)
20478D-21
Figure 20.
Toggle Bit Timings (During Embedded Algorithm Operations)
CE The rising edge of the last WE signal WE Entire programming or erase operations
RY/BY tBUSY
Note: DQ7 = Valid Data (The device has completed the embedded operation.)
20478D-22
Figure 21.
RY/BY Timing Diagram (During Program/Erase Operations)
RESET
tRP tReady
20478D-23
Figure 22.
RESET Timing Diagram
Am29LV800T/Am29LV800B
37
PRELIMINARY
SWITCHING WAVEFORMS
CE
OE
BYTE
tELFL tELFH DQ0-DQ14
Data Output (DQ0-DQ14)
Data Output (DQ0-DQ7)
DQ15/A-1
DQ15 Output tFLQZ
Address Input
20478D-24
Figure 23.
BYTE Timing Diagram for Read Operation
CE The falling edge of the last WE signal WE
BYTE
tSET (tAS)
tHOLD (tAH)
20478D-25
Figure 24.
BYTE Timing Diagram for Write Operations
38
Am29LV800T/Am29LV800B
PRELIMINARY
Start
RESET = VID (Note 1) Perform Erase or Program Operations
RESET = VIH
Temporary Sector Unprotect Completed (Note 2)
Notes: 1. All protected sectors unprotected. All previously protected sectors are protected once again.
20478D-26
Figure 25.
Temporary Sector Unprotect Algorithm
tVIDR 12 V RESET 0 V or 3 V CE 0 V or 3 V
WE tRSP
Program or Erase Command Sequence
20478D-27
Figure 26.
Temporary Sector Unprotect Timing Diagram
Am29LV800T/Am29LV800B
39
PRELIMINARY
AC CHARACTERISTICS Write (Erase/Program) Operations
Alternate CE Controlled Writes
Parameter Symbols JEDEC tAVAV tAVWL tELAX tDVEH tEHDX Standard tWC tAS tAH tDS tDH tOES tOEH Description Write Cycle Time (Note 2) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read (Note 2) Output Enable Hold TIme Toggle and Data Polling (Note 2) Min Min Min Min Min Min Min Min Min Min Min Min Min Byte tWHWH1 tWHWH2 tWHWH1 tWHWH2 tFLQZ Programming Operation Word Sector Erase Operation (Note 1) BYTE Switching Low to Output HIGH Z (Note 2) Typ Typ Min 11 1 30 11 1 30 11 1 30 11 1 30 Typ -90R 90 0 50 50 0 0 0 10 0 0 0 50 30 9 -100 100 0 50 50 0 0 0 10 0 0 0 50 30 9 -120 120 0 50 50 0 0 0 10 0 0 0 50 30 9 -150 150 0 65 65 0 0 0 10 0 0 0 65 35 9 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns s sec ns
tGHEL tWLEL tEHWH tELEH tEHEL
tGHEL tWS tWH tCP tCPH
Read Recovery TIme Before Write (OE High to WE Low) WE Setup TIme WE Hold TIme CE Pulse Width CE Pulse Width High
Notes: 1. The duration of the program or erase operation is variable and is calculated in the internal algorithms. 2. Does not include the preprogramming time. 3. Not 100% tested.
40
Am29LV800T/Am29LV800B
PRELIMINARY
SWITCHING WAVEFORMS
tWC ADDRESSES 555h tAS PA tAH WE tGHWL OE tCP CE tWS tCPH tDS tDH Data
A0h PD DQ7 DOUT
Data Polling PA
tWHWH1_or_2
VCC tVCS
20478D-33
Notes: 1. PA is address of the memory location to be programmed. 2. PD is data to be programmed at byte address. 3. DQ7 is the complement of the data written to the device. 4. DOUT is the data written to the device. Figure indicates last two bus cycles of four bus cycle sequence
Figure 27.
Alternate CE Controlled Write Operation Timings
Am29LV800T/Am29LV800B
41
PRELIMINARY
ERASE AND PROGRAMMING PERFORMANCE
Parameter Sector Erase Time Chip Erase Time Byte Programming Time Word Programming Time Byte Mode Chip Programming Time Word Mode Erase/Program Endurance 5.8 1,000,000 17 s cycles Minimum 100,000 cycles guaranteed Typ (Note 2) 1 19 9 11 9 300 360 27 Max (Note 3) 15 Unit s s s s s Excludes system level overhead (Note 5) Comments Excludes 00h programming prior to erasure (Note 4)
Notes: 1. The typical program and erase times are considerably less than the maximum times since most words/bytes program or erase significantly faster than the worst case word/byte. The device enters the failure mode (DQ5="1") only after the maximum times given are exceeded. See the section on DQ5 for further information. 2. Except for erase and program endurance, the typical program and erase times assume the following conditions: 25 3.0 V C, VCC, 100,000 cycles. Additionally, programming typicals assume checkerboard pattern. 3. Under worst case conditions of 90C, VCC = 2.7 V, 100,000 cycles. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the four-bus-cycle sequence for the program command. See Table 6 for further information on command definitions.
LATCHUP CHARACTERISTICS
Min Input Voltage with respect to VSS on all pins except I/O pins (Including A9 and OE) Input Voltage with respect to VSS on all I/O pins Current -1.0 V -1.0 V -100 mA Max 13.0 V VCC + 1.0 V +100 mA
Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time.
PIN CAPACITANCE, 48-PIN TSOP
Parameter Symbol CIN COUT CIN2 Parameter Description Input Capacitance Output Capacitance Control Pin Capacitance Test Setup VIN = 0 VOUT = 0 VIN = 0 Typ 6 8.5 8 Max 7.5 12 10 Unit pF pF pF
Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25C, f = 1.0 MHz.
42
Am29LV800T/Am29LV800B
PRELIMINARY
PIN CAPACITANCE, 44-PIN PSOP
Parameter Symbol CIN COUT CIN2 Parameter Description Input Capacitance Output Capacitance Control Pin Capacitance Test Setup VIN = 0 VOUT = 0 VIN = 0 Typ 6 8.5 8 Max 7.5 12 10 Unit pF pF pF
Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25C, f = 1.0 MHz.
DATA RETENTION
Parameter Minimum Pattern Data Retention Time Test Conditions 150C 125C Min 10 20 Unit Years Years
Am29LV800T/Am29LV800B
43
PRELIMINARY
PHYSICAL DIMENSIONS* TS 048 48-Pin Standard Thin Small Outline Package (measured in millimeters)
0.95 1.05 Pin 1 I.D.
1 48
11.90 12.10
0.50 BSC
24 25
18.30 18.50 19.80 20.20 0.08 0.20 0.10 0.21
0.05 0.15
1.20 MAX 0.25MM (0.0098") BSC 0 5 0.50 0.70
16-038-TS48-2 TS 048 DA101 8-8-94 ae
*
For reference only, not drawn to scale. BSC is an ANSI standard for Basic Space Centering.
44
Am29LV800T/Am29LV800B
PRELIMINARY
PHYSICAL DIMENSIONS (continued) TSR048 48-Pin Reverse Standard Thin Small Outline Package (measured in millimeters)
0.95 1.05 Pin 1 I.D.
1 48
11.90 12.10
0.50 BSC
24 25
18.30 18.50 19.80 20.20 SEATING PLANE
0.05 0.15
1.20 MAX 0.25MM (0.0098") BSC 0 5 0.50 0.70
0.08 0.20 0.10 0.21
16-038-TS48 TSR048 DA104 8-8-94 ae
Am29LV800T/Am29LV800B
45
PRELIMINARY
PHYSICAL DIMENSIONS (continued) SO 044 44-Pin Thin Small Outline Package (measured in millimeters)
44 23
13.10 13.50
15.70 16.30
1 1.27 NOM. TOP VIEW
22
28.00 28.40 0.10 0.21 SEATING PLANE 0 8 END VIEW
16-038-SO44-2 SO 044 DA82 11-9-95 lv
2.17 2.45 0.35 0.50 SIDE VIEW 0.10 0.35
2.80 MAX.
0.60 1.00
46
Am29LV800T/Am29LV800B
PRELIMINARY
REVISION SUMMARY FOR AM29LV800
Distinctive Characteristics: Rearranged bullets. Renamed "Extended voltage range..." bullet to "Single power supply operation." Under "Single power supply operation" and "High performance" bullets, defined standard and extended voltage ranges and added 90 ns speed option. Combined "Advanced power management" and "Low current consumption" bullets into new "Ultra low power consumption" bullet. Under that bullet, revised the typical standby and automatic sleep mode current specifications from 1 A to 200 nA; revised read current specification from 10 mA to 2 mA/MHz. Combined "Sector protection" and "Flexible sector architecture" bullets. Under flexible sector architecture bullet, added temporary sector unprotect feature description. Combined Embedded Program and Embedded Erase bullets under new "Embedded Algorithms" bullet; removed TM designations. Clarified descriptions of sector protection, erase suspend/resume, hardware reset pin, ready/busy pin, and data polling and toggle bits. General Description: Added text on -90R speed option and voltage range to the second paragraph. Product Selector Guide: Added -90R voltage range and speed option. Connection Diagrams Corrected pinouts on pins 13 and 14 for the standard TSOP drawing. (Revision C) Corrected pinouts on pins 33 and 32 for the reverse TSOP drawing. (Revision C) Corrected pinouts for pins 13, 14, 17, and 18 on standard TSOP package. (Revision D) Pin Configuration: Added new voltage range to VCC specification. Ordering Information, Standard Products: The -90R speed option is now listed in the example. Revised "Speed Option" section to indicate both voltage ranges.
Table 6, Command Definitions: Grouped address designators PA, PD, RA, RD, and SA under the legend heading. Modified SA definition to accommodate the sector protect verify command. Since unlock addresses only require address bits A0-A10 to be valid, the number of hexadecimal digits in the unlock addresses were changed from four to three. The remaining upper address bits are don't care. Removed "H" designation from hexadecimal values in table and replaced with new Note 1. Revised Notes 5 and 6 to indicate when commands are valid; are now Notes 4 and 5. Expanded autoselect section to show each function separately: manufacturer ID, device ID, and sector protect verify. Added Note 3 to explain sector protect codes. Deleted Note 7. Added Note 6 to indicate which addresses are don't care. Corrected unlock and command addresses for byte mode from "2AA" to "AAA". Corrected byte-mode read cycle (fourth cycle) addresses from 01h to 02h for device ID, and from SAX02 to SAX04 for sector protect verification. RESET: Hardware Reset Pin: Fourth paragraph: Revised standby mode specification to 200 nA. Figure 6, Timing Diagram for Byte Mode Configuration: Moved end of tFLQZ period from within the A-1 data flow to the start of A-1 data flow. Operating Ranges: VCC Supply Voltages: Expanded into two voltage ranges; added -90R speed option. DC Characteristics: CMOS Compatible: Changed ICC1 from 30 mA maximum at 6 MHz to 16 mA maximum at 5 MHz and 4 mA maximum at 1 MHz. Changed ICC2 from 35 mA to 30 mA maximum. In Note 1, changed 6 MHz to 5 MHz. In Note 3, changed address stable time from 300 ns to 200 ns; changed typical sleep mode current from 1 A to 200 nA. Figure 13A, ICC Current vs. Time, and Figure 13B, ICC vs. Frequency: Figure 8A illustrates current draw during the Automatic Sleep Mode after the addresses are stable. Figure 8B shows how frequency affects the current draw curves for both voltage ranges. AC Characteristics: Read Only Operations Characteristics: Added -90R column. Test Conditions, Figure 13: Added 90 ns speed to CL note. AC Characteristics: Write/Erase/Program Operations: Added the -90R column. Corrected tWAX to tWLAX.
Valid Combinations: Added -90R speed option and voltage range.
Automatic Sleep Mode: Revised addresses stable time to 200 ns and typical current draw to 200 nA. Autoselect: Fourth paragraph, last sentence: Corrected to "...DQ9 and DQ13 are equal to `1'..." Table 4, Sector Address Table: Corrected SA12, x8 starting address from D0000 to C0000.
Am29LV800T/Am29LV800B
47
PRELIMINARY Figure 17, AC Waveforms for Chip/Sector Erase Operations: Added" 555 chip erase" to last cycle in sequence. Changed addresses to three hexadecimal digits to match command definitions (Table 6). Figure 18, AC Waveforms for Data Polling During Embedded Algorithm Operations: Split data signal into DQ0-DQ6 and DQ7 signals. Figure 25, Temporary Sector Unprotect Timing Diagram: Corrected callout and waveform to show that tVIDR applies whether RESET rises from either 0 V or 3 V. AC Characteristics: Alternate CE Controlled Writes: Added the -90R column. Figure 26, Alternate CE Controlled Write Operation Timings: Changed 5555H to 555H match command definitions (Table 6). Erase and Programming Performance: Added typical chip erase specification. Deleted column for minimum specifications. Created separate chip program specifications for word and byte modes. Renamed erase/program cycles specification to erase/program endurance. Moved minimum 100,000 cycle endurance to comments section. Revised Note 1 to include write endurance, is now Note 2. Consolidated and moved Note 1 and Note 3 references in table to table head. Combined Note 2 and Note 5 into new Note 1, which applies to the entire table; revised to indicate that DQ5=1 after the maximum times. Comments for program and erase now straddle parameter rows. Separated the two sentences in Note 4 into new Notes 4 and 5; added corresponding note references to comment section.
Trademarks Copyright (c) 1997 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof and ExpressFlash are trademarks of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
48
Am29LV800T/Am29LV800B


▲Up To Search▲   

 
Price & Availability of AM29LV800B-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X